Part Number Hot Search : 
B4406 N8050 204A17 LA8200M FAN3100T 2SK1167 SR3050 BOURNS
Product Description
Full Text Search
 

To Download ADG719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES +1.8 V to +5.5 V Single Supply 4 (Max) On Resistance 0.75 (Typ) On-Resistance Flatness -3 dB Bandwidth >200 MHz Rail-to-Rail Operation 6-Lead SOT-23 Package, 8-Lead SOIC Package Fast Switching Times t ON 20 ns t OFF 6 ns Typical Power Consumption (<0.01 W) TTL/CMOS Compatible APPLICATIONS Battery Powered Systems Communication Systems Sample Hold Systems Audio Signal Routing Video Switching Mechanical Reed Relay Replacement
Low Voltage 4
CMOS SPDT Switch ADG719
D
FUNCTIONAL BLOCK DIAGRAM
ADG719
S2 S1
IN
SWITCHES SHOWN FOR A LOGIC "1" INPUT
PRODUCT HIGHLIGHTS
GENERAL DESCRIPTION
1. +1.8 V to +5.5 V Single Supply Operation. The ADG719 offers high performance, including low on resistance and fast switching times and is fully specified and guaranteed with +3 V and +5 V supply rails. 2. Very Low RON (4 max at 5 V, 10 max at 3 V). At 1.8 V operation, RON is typically 40 over the temperature range. 3. On-Resistance Flatness (RFLAT(ON)) (0.75 typ). 4. -3 dB Bandwidth >200 MHz. 5. Low Power Dissipation. CMOS construction ensures low power dissipation. 6. Fast tON /tOFF. 7. Tiny 6-lead SOT-23 and 8-lead SOIC packages.
The ADG719 is a monolithic CMOS SPDT switch. This switch is designed on a submicron process that provides low power dissipation yet gives high switching speed, low on resistance and low leakage currents. The ADG719 can operate from a single supply range of +1.8 V to +5.5 V, making it ideal for use in battery-powered instruments and with the new generation of DACs and ADCs from Analog Devices. Each switch of the ADG719 conducts equally well in both directions when on. The ADG719 exhibits break-before-make switching action. Because of the advanced submicron process, -3 dB bandwidths of greater than 200 MHz can be achieved. The ADG719 is available in a 6-lead SOT-23 package and an 8-lead SOIC package.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1998
ADG719-SPECIFICATIONS1 (V = +5 V noted.)
DD
10%, GND = 0 V. All specifications -40 C to +85 C, unless otherwise
Parameter ANALOG SWITCH Analog Signal Range On Resistance (RON) On Resistance Match Between Channels (RON) On-Resistance Flatness (RFLAT(ON)) LEAKAGE CURRENTS Source OFF Leakage IS (OFF) Channel ON Leakage ID, IS (ON) DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current IINL or IINH DYNAMIC CHARACTERISTICS2 tON tOFF Break-Before-Make Time Delay, tD Off Isolation
B Version -40 C to +25 C +85 C 0 V to VDD 5
Units V max typ max typ max nA typ nA max nA typ nA max V min V max A typ A max ns typ ns max ns typ ns max ns typ ns min dB typ dB typ dB typ dB typ MHz typ pF typ pF typ
Test Conditions/Comments
4
VS = 0 V to VDD, IS = -10 mA Test Circuit 1 VS = 0 V to VDD, IS = -10 mA VS = 0 V to VDD, IS = -10 mA VDD = +5.5 V VS = 4.5 V/1 V, VD = 1 V/4.5 V Test Circuit 2 VS = VD = 1 V, or VS = VD = 4.5 V Test Circuit 3
0.1 0.4 0.75 1.2 0.01 0.25 0.01 0.25
0.35 0.35 2.4 0.8
0.005
0.1
VIN = VINL or VINH
14 20 3 6 8 1 -67 -87 -62 -82 200 7 27
Channel-to-Channel Crosstalk
Bandwidth -3 dB CS (OFF) CD, CS (ON) POWER REQUIREMENTS IDD
RL = 300 , CL = 35 pF VS = 3 V, Test Circuit 4 RL = 300 , CL = 35 pF VS = 3 V, Test Circuit 4 RL = 300 , CL = 35 pF, VS1 = VS2 = 3 V, Test Circuit 5 RL = 50 , CL = 5 pF, f = 10 MHz RL = 50 , CL = 5 pF, f = 1 MHz, Test Circuit 6 RL = 50 , CL = 5 pF, f = 10 MHz RL = 50 , CL = 5 pF, f = 1 MHz, Test Circuit 7 RL = 50 , CL = 5 pF, Test Circuit 8
0.001 1.0
A typ A max
VDD = +5.5 V Digital Inputs = 0 V or 5 V
NOTES 1 Temperature ranges are as follows: B Version, -40C to +85C. 2 Guaranteed by design, not subject to production test. Specifications subject to change without notice.
-2-
REV. A
SPECIFICATIONS (V
Parameter ANALOG SWITCH Analog Signal Range On Resistance (RON) On Resistance Match Between Channels (RON)
1
ADG719
DD
= +3 V
10%, GND = 0 V. All specifications -40 C to +85 C, unless otherwise noted.)
B Version -40 C to +25 C +85 C 0 V to VDD 7 10 0.1 0.4 2.5 0.01 0.25 0.01 0.25
Units V typ max typ max typ nA typ nA max nA typ nA max V min V max A typ A max ns typ ns max ns typ ns max ns typ ns min dB typ dB typ dB typ dB typ MHz typ pF typ pF typ
Test Conditions/Comments
6
VS = 0 V to VDD, IS = -10 mA, Test Circuit 1 VS = 0 V to VDD, IS = -10 mA VS = 0 V to VDD, IS = -10 mA VDD = +3.3 V VS = 3 V/1 V, VD = 1 V/3 V, Test Circuit 2 VS = VD = 1 V, or VS = VD = 3 V, Test Circuit 3
On-Resistance Flatness (RFLAT(ON)) LEAKAGE CURRENTS Source OFF Leakage IS (OFF) Channel ON Leakage ID, IS (ON) DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current IINL or IINH DYNAMIC CHARACTERISTICS2 tON tOFF Break-Before-Make Time Delay, tD Off Isolation
0.35 0.35 2.0 0.4
0.005
0.1
VIN = VINL or VINH
16 24 4 7 8 1 -67 -87 -62 -82 200 7 27
Channel-to-Channel Crosstalk
Bandwidth -3 dB CS (OFF) CD, CS (ON) POWER REQUIREMENTS IDD
RL = 300 , CL = 35 pF VS = 2 V, Test Circuit 4 RL = 300 , CL = 35 pF VS = 2 V, Test Circuit 4 RL = 300 , CL = 35 pF VS1 = VS2 = 2 V, Test Circuit 5 RL = 50 , CL = 5 pF, f = 10 MHz RL = 50 , CL = 5 pF, f = 1 MHz, Test Circuit 6 RL = 50 , CL = 5 pF, f = 10 MHz RL = 50 , CL = 5 pF, f = 1 MHz, Test Circuit 7 RL = 50 , CL = 5 pF, Test Circuit 8
0.001 1.0
A typ A max
VDD = +3.3 V Digital Inputs = 0 V or 3 V
NOTES 1 Temperature ranges are as follows: B Version, -40C to +85C. 2 Guaranteed by design, not subject to production test. Specifications subject to change without notice.
REV. A
-3-
ADG719
ABSOLUTE MAXIMUM RATINGS 1
(TA = +25C unless otherwise noted)
TERMINOLOGY
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Analog, Digital Inputs2 . . . . . . . . . . . -0.3 V to VDD + 0.3 V or 30 mA, Whichever Occurs First Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA (Pulsed at 1 ms, 10% Duty Cycle max) Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150C SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 315 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 206C/W JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44C/W SOT-23 Package, Power Dissipation . . . . . . . . . . . . . . 282 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 229.6C/W JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 91.99C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220C ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 kV
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. 2 Overvoltages at IN, S or D will be clamped by internal diodes. Current should be limited to the maximum ratings given.
Table I. Truth Table
ADG719 IN 0 1
Switch S1 ON OFF
Switch S2 OFF ON
PIN CONFIGURATIONS 6-Lead SOT-23 (RT-6)
IN 1 VDD 2
6
8-Lead SOIC (RM-8)
S2 D
Most Positive Power Supply Potential. Ground (0 V) Reference. Source Terminal. May be an input or output. Drain Terminal. May be an input or output. Logic Control Input. Ohmic resistance between D and S. On resistance match between any two channels i.e., RON max - RON min. RFLAT(ON) Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over the specified analog signal range. Source Leakage Current with the switch "OFF." IS (OFF) ID, IS (ON) Channel Leakage Current with the switch "ON." VD (VS) Analog Voltage on Terminals D, S. CS (OFF) "OFF" Switch Source Capacitance. CD (OFF) "OFF" Switch Drain Capacitance. CD, CS (ON) "ON" Switch Capacitance. tON Delay between applying the digital control input and the output switching on. tOFF Delay between applying the digital control input and the output switching off. tD "OFF" time or "ON" time measured between the 90% points of both switches, when switching from one address state to another. Crosstalk A measure of unwanted signal that is coupled through from one channel to another as a result of parasitic capacitance. Off Isolation A measure of unwanted signal coupling through an "OFF" switch. Bandwidth The frequency at which the output is attenuated by -3 dBs. On Response The frequency reponse of the "ON" switch. On Loss The voltage drop across the "ON" switch seen on the On Response vs. Frequency plot as how many dBs the signal is away from 0 dB at very low frequencies.
VDD GND S D IN RON RON
D1 S1 2
8 S2
ADG719
TOP VIEW (Not to Scale) 4 GND 3 S1
5
7 NC TOP VIEW GND 3 (Not to Scale) 6 IN
ADG719
VDD 4
5 NC
NC = NO CONNECT
ORDERING GUIDE
Model ADG719BRM ADG719BRT
Temperature Range -40C to +85C -40C to +85C
Brand* S5B S5B
Package Description SOIC (microSmall Outline IC) SOT-23 (Plastic Surface Mount)
Package Option RM-8 RT-6
*Brand = Due to package size limitations, these three characters represent the part number.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG719 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. A
Typical Performance Characteristics- ADG719
6.0 5.5 5.0 4.5 4.0 3.5 RON - 3.0 2.5 2.0 1.5 1.0
10n 100 I SUPPLY - A 10m
VDD = 2.7V
VDD = +5V
TA = +25 C
1m
VDD = 3.0V
VDD = 4.5V
10 1
VDD = 5.0V
100n
0.5 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VD OR VS - DRAIN OR SOURCE VOLTAGE - V
1n 1 10 100 1k 10k 100k FREQUENCY - Hz 1M 10M 100M
Figure 1. On Resistance as a Function of VD (VS) Single Supplies
Figure 4. Supply Current vs. Input Switching Frequency
6.0 5.5 5.0 4.5 4.0 -40 C 3.5
RON -
-30
VDD = +3V +85 C
OFF ISOLATION - dB
VDD = +5V, +3V -40 -50 -60 -70 -80 -90 -100 -110 -120
+25 C
3.0 2.5 2.0 1.5 1.0 0.5 0 0 1.0 1.5 2.0 2.5 0.5 VD OR VS - DRAIN OR SOURCE VOLTAGE - V 3.0
-130 10k
100k
1M 10M FREQUENCY - Hz
100M
Figure 2. On Resistance as a Function of VD (VS) for Different Temperatures VDD = 3 V
Figure 5. Off Isolation vs. Frequency
6.0 5.5 5.0 4.5 VDD = +5V
-30 VDD = +5V, +3V -40 -50 CROSSTALK - dB
3.0 3.5 4.0 4.5 5.0
4.0 3.5 +85 C
-60 -70 -80 -90 -100 -110 -120
RON -
3.0 2.5 2.0 1.5 1.0 0.5 0 0 0.5 1.0 1.5 2.0 2.5 +25 C -40 C
-130 10k
100k
VD OR VS - DRAIN OR SOURCE VOLTAGE - V
1M 10M FREQUENCY - Hz
100M
Figure 3. On Resistance as a Function of VD (VS) for Different Temperatures VDD = 5 V
Figure 6. Crosstalk vs. Frequency
REV. A
-5-
ADG719
0 VDD = +5V
ON RESPONSE - dB
-2
-4
-6 10k
100k
1M 10M FREQUENCY - Hz
100M
Figure 7. On Response vs. Frequency
Test Circuits
IDS V1 S VS D
VS IS (OFF) A S D ID (OFF) A VD
ID (ON) S VS D A VD
RON = V1/I DS
Test Circuit 1. On Resistance
0.1 F VDD
Test Circuit 2. Off Leakage
Test Circuit 3. On Leakage
VIN VDD S VS IN GND D RL 300 CL 35pF VOUT VOUT
50% 90%
50% 90%
tON
tOFF
Test Circuit 4. Switching Times
0.1 F VDD VIN D S2 IN VIN GND D2 RL2 300 CL2 35pF VOUT
VS1 VS2
S1
VDD
0V 50% 0V
50% 50%
50%
VOUT
tD
tD
Test Circuit 5. Break-Before-Make Time Delay, tD
VDD VDD 0.1 F VDD D S2 RL 50 VOUT VS IN GND
VS VIN
0.1 F
0.1 F
VDD
S1
VOUT
S1 S2
VDD D RL 50
S1 S2 VDD D RL 50 VOUT
VS
VIN
IN GND
IN GND
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG |VS/VOUT|
Test Circuit 6. Off Isolation
Test Circuit 7. Channel-to-Channel Crosstalk
Test Circuit 8. Bandwidth
-6-
REV. A
ADG719
APPLICATIONS INFORMATION
The ADG719 belongs to Analog Devices' new family of CMOS switches. This series of general purpose switches have improved switching times, lower on resistance, higher bandwidths, low power consumption and low leakage currents.
ADG719 Supply Voltages
Functionality of the ADG719 extends from +1.8 V to +5.5 V single supply, which makes it ideal for battery powered instruments, where important design parameters are power efficiency and performance. It is important to note that the supply voltage effects the input signal range, the on resistance and the switching times of the part. By taking a look at the typical performance characteristics and the specifications, the effects of the power supplies can be clearly seen. For VDD = +1.8 V operation, RON is typically 40 over the temperature range.
On Response vs. Frequency
The signal transfer characteristic is dependent on the switch channel capacitance, CDS. This capacitance creates a frequency zero in the numerator of the transfer function A(s). Because the switch on resistance is small, this zero usually occurs at high frequencies. The bandwidth is a function of the switch output capacitance combined with CDS and the load capacitance. The frequency pole corresponding to these capacitances appears in the denominator of A(s). The dominant effect of the output capacitance, CD, causes the pole breakpoint frequency to occur first. Therefore, in order to maximize bandwidth a switch must have a low input and output capacitance and low on resistance. The On Response vs. Frequency plot for the ADG719 can be seen in Figure 7.
Off Isolation
Off isolation is a measure of the input signal coupled through an off switch to the switch output. The capacitance, CDS, couples the input signal to the output load, when the switch is off as shown in Figure 9.
CDS S VIN CD D VOUT CLOAD RLOAD
Figure 8 illustrates the parasitic components that affect the ac performance of CMOS switches (the switch is shown surrounded by a box). Additional external capacitances will further degrade some performance. These capacitances affect feedthrough, crosstalk and system bandwidth.
CDS S RON VIN CD D VOUT CLOAD RLOAD
Figure 9. Off Isolation Is Affected by External Load Resistance and Capacitance
Figure 8. Switch Represented by Equivalent Parasitic Components
The transfer function that describes the equivalent diagram of the switch (Figure 8) is of the form (A)s shown below. s(RON CDS ) + 1 A(s) = RT s(RT RON CT ) + 1 where: RT = RLOAD/(RLOAD + RON) CT = CLOAD + CD + CDS
The larger the value of CDS, larger values of feedthrough will be produced. The typical performance characteristic graph of Figure 5 illustrates the drop in off isolation as a function of frequency. From dc to roughly 200 kHz, the switch shows better than -95 dB isolation. Up to frequencies of 10 MHz, the off isolation remains better than -67 dB. As the frequency increases, more and more of the input signal is coupled through to the output. Off isolation can be maximized by choosing a switch with the smallest CDS as possible. The values of load resistance and capacitance affect off isolation also, as they contribute to the coefficients of the poles and zeros in the transfer function of the switch when open. s(RLOAD CDS ) A(s) = s(RLOAD ) (CLOAD + CD + CDS ) + 1
REV. A
-7-
ADG719
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead SOIC (RM-8)
C3291a-0-9/98
0.120 (3.05) 0.112 (2.84) 0.043 (1.09) 0.037 (0.94) 0.011 (0.28) 0.003 (0.08) 33 27 0.028 (0.71) 0.016 (0.41)
10 0.009 (0.23) 0 0.003 (0.08) 0.022 (0.55) 0.014 (0.35)
0.122 (3.10) 0.114 (2.90)
8
5
0.122 (3.10) 0.114 (2.90)
0.199 (5.05) 0.187 (4.75)
1 4
PIN 1 0.0256 (0.65) BSC 0.120 (3.05) 0.112 (2.84) 0.006 (0.15) 0.002 (0.05) 0.018 (0.46) SEATING 0.008 (0.20) PLANE
6-Lead Plastic Surface Mount Package (RT-6)
0.122 (3.10) 0.106 (2.70)
0.071 (1.80) 0.059 (1.50) PIN 1
6 1
5 2
4 3
0.118 (3.00) 0.098 (2.50)
0.037 (0.95) BSC 0.075 (1.90) BSC 0.051 (1.30) 0.035 (0.90) 0.006 (0.15) 0.000 (0.00) 0.057 (1.45) 0.035 (0.90) 0.020 (0.50) SEATING 0.010 (0.25) PLANE
-8-
REV. A
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of ADG719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X